|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PDM-23-11G 0 POWER DIVIDER/COMBINER REV: 003, 12/12/03 * * * * * * 5 - 18 GHz 2 - WAY EXCELLENT PHASE & AMPLITUDE BALANCE HIGH OUTPUT PORT ISOLATION STRIPLINE SMA TECHNICAL DESCRIPTION / APPLICATION The PDM-23-11G Power Divider/Combiner covers 5 to 18 GHz. This unit is designed to meet broadband ECM and wideband communications requirements with precise amplitude and phase balance and high output port isolation. GENERAL SPECIFICATIONS MODEL NUMBER PDM-23-11G FREQUENCY RANGE, GHz 5.0 - 18.0 INSERTION LOSS, dB MAX. 0.7 PHASE BALANCE, MAX. 6 AMPLITUDE BALANCE, dB, MAX. 0.3 VSWR, MAX 1.4:1 WEIGHT IMPEDANCE, NOMINAL 50 Ohm OPERATING TEMPERATURE 0.6 oz. (17 g) nom -55 - +85 C ISOLATION dB, MIN. 5 - 6 GHz 17 6 - 18 GHz 19 CW INPUT POWER, MAX. WITH VSWR OUT 1.2:1 10 w 2.0:1 1w :1 100 mW PACKAGE OUTLINE Merrimac Industries, RF & Microwave Products Division / 41 Fairfield Place, West Caldwell, NJ 07006 Tel: 973.575.1300 / Fax: 973.575.0531 / Internet: www.Merrimacind.com 8 |
Price & Availability of PDM-23-11G |